PART |
Description |
Maker |
XKM22440 |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
XKD11306D |
Solid State Relay for DIN rail fixation
|
celduc-relais
|
PLC-BSC-230UC |
14 mm PLC basic terminal block with screw connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 2 PDTs, input voltage 230 V AC/DC
|
PHOENIX CONTACT
|
DRL48A35 DRL48A35-22 DRL48D35 DRL48D35-21 |
Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
|
Teledyne Technologies I... Teledyne Technologies Incorporated
|
CMA4825P-10 CMA4850 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:50A; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|
PSBDIN30A241028 PSBDIN30A241628 PSBDIN30A242528 PS |
DIN Ready Solid State Relay
|
Powersem GmbH
|
RIF-0-OSC-24DC |
Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
|
PHOENIX CONTACT
|
D24110-10 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Crydom, Inc.
|
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
EBS26UC6APS-80 EBS26UC6APS EBS26UC6APS-75 EBS26UC6 |
RELAY,SOLID,STATE,SPST 32M X 64 SYNCHRONOUS DRAM MODULE, 5.4 ns, DMA144 RELAY OPTO 120MA W/SURGE 8-DIP RELAY OPTOMOS 250MA 6-SMD AC Solid State Switch using optical coupling with dual power SCR outputs Dual Pole Normally Open: 2-Form-A 256MB SDRAM S.O.DIMM
|
ELPIDA MEMORY INC Elpida Memory, Inc. ELPIDA[Elpida Memory]
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
HG2-AC12V HG3-AC24V HG3-DC24V HG4-AC115V HG4-AC24V |
High Capacity Power Relay, 20A POWER/SIGNAL RELAY, DPDT, MOMENTARY, 3600mW (COIL), DIN-RAIL MOUNT High Capacity Power Relay, 20A POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 5200mW (COIL), DIN-RAIL MOUNT High Capacity Power Relay, 20A POWER/SIGNAL RELAY, 3PDT, MOMENTARY, 0.066A (COIL), 24VDC (COIL), 1600mW (COIL), DIN-RAIL MOUNT High Capacity Power Relay, 20A POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 7600mW (COIL), SOCKET MOUNT POWER/SIGNAL RELAY, 4PDT, MOMENTARY, 0.013A (COIL), 200VDC (COIL), 2100mW (COIL), SOCKET MOUNT 20 AMP POWER RELAY
|
Panasonic, Corp. PANASONIC CORP Panasonic Semiconductor
|